PART |
Description |
Maker |
OLS-130HSD/HY-CX-TU OLS-130HSD/HY-CX-TD |
Series 130 - 1206 Duplex
|
OSA Opto Light GmbH
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM31AJ601SN1L |
BLM31A Series (1206 Size)
|
Murata Manufacturing Co., Ltd.
|
OIS-345880 OIS-345880-X-T |
Series 345 - 1206 Sqint-LED 45隆? IR high intensity 880 nm Series 345 - 1206 Sqint-LED 45° IR high intensity 880 nm
|
OSA Opto Light GmbH
|
PL00100-WCG10 |
PL00100 Series SMD LED 1206 Package
|
P-tec Corporation
|
OLS-150R-CD-T |
Series 150 - 1206 Standard low cost
|
OSA Opto Light GmbH
|
PL00100-WCR24 |
PL00100 Series SMD LED 1206 Package
|
P-tec Corporation
|
PL00100-WCR21 |
PL00100 Series SMD LED 1206 Package
|
P-tec Corporation
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
OIS-330880 OIS-330880-X-TD OIS-330880-X-TU |
Series 330 - 1206 with Lens IR high intensity 880 nm
|
OSA Opto Light GmbH
|
OLS-330MSD-X-TD OLS-330MSD-X-TU OLS-330MY-X-TU OLS |
Series 330 - 1206 with Lens thin film technology
|
OSA Opto Light GmbH
|
RGB-4500 |
Single Fiber Hi-Res Video, Duplex Audio & RS-232 Duplex Data
|
Opticomm Corporation
|